Part Number Hot Search : 
TIP32 SK102 T410I 100KL LC75842M SKY77706 SP665207 5A102G
Product Description
Full Text Search
 

To Download BR88 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7.1 0.4 23.2 1.5 |? 1 . 3 0 . 1 12.6 0.5 12.6 0.5 18.9 0.4 18.9 0.4 |? 3 . 84 t yp . features rating to 1000v prv surge overload rating to 125 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique results in inexpensive product maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. u n i t s maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 10 0 0 v maximum average forw ard output current @t a =50 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage at 4 .0 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg br805---br810 br805 br81 br82 br84 br86 BR88 br810 50 100 1.1 1.0 125.0 i fsm a 10.0 lead solderable per mil-std-202 method 208 i f(av) 8.0 silicon bridge rect ifiers m o un t in g : t h r u hole f or # 6 s c r ew m ou n t i ng a 100 70 voltage range: 50 --- 1000 v current: 8.0 a 35 5 0 br8 - 55 ---- + 150 - 55 ---- + 125 i r dimensions in millimeters diode semiconductor korea www.diode.kr
.8 .9 1 1 .1 1 .2 . 0 1 0 . 1 1 . 0 .6 .7 10 1 . 3 1 0 0 t j =25 10 04060 20 100 120 140 80 t j =25 0.1 1.0 .01 0 2 4 0 50 100 6 8 150 10 0 25 1 100 125 50 75 100 10 8.3ms single half sine wave t j =125 amperes average forward output current, amperes br8 0 5---br810 number of cycles at 60h z ambient temperature, fi g. 2 -- forward derati ng curve instantaneous forward voltage, volts amperes micro amperes instantaneous forward current, peak forward surge current, instantaneous reverse current, fi g. 1 -- peak forward surge current fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c percent of rated peak reverse voltage www.diode.kr diode semiconductor korea


▲Up To Search▲   

 
Price & Availability of BR88

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X